Product Data Sheet Part No. GT-0901A Non-Washable Type DIMENSIONS Type Unit Color Black Rated Voltage (V) 1.5 Operating Voltage (V) 1-3 Current Consumption (mA) MAX.80 Coil Resistance (U) 6.015% Sound Output (Min) (dB) 85(Typ) Resonance Frequency (Hz) 2730 Operating Temp (C) -20~+60 Storage Temp (C) -40~+80 Weight (g) 1 Terminal PIN TYPE Dimension mm 9 x H4.5 *applied voltage: Rated Voltage, 1/2 duty, square wave *distance for measurement: 10cm FREQUENCY RESPONSE 11547 K -Tel Dri ve Minnetonka, M N 55343 Ph: 952.933.3120 Fax: 952.929.2765 www.soberton.com
|